Part Number Hot Search : 
IW4011BD 33291L 4043B MTA406N UGFZ30A 87C510 TOP245YN 1REEL
Product Description
Full Text Search
 

To Download S420D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S420D
Vishay Telefunken
Silicon Mesa SMD Rectifier
Features
D D D D
Soft recovery characteristics Glass passivated junction Low reverse current Delivery on 12mm tape
15 811
Applications
Fast rectifier
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage Peak forward surge current Average forward current Junction and storage temperature range Test Conditions tp=10ms, half-sinewave Tamb = 25C, TL = constant Type Symbol VR IFSM IFAV Tj=Tstg Value 400 20 1.5 -55...+150 Unit V A A
C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction lead Junction ambient Test Conditions TL = constant Epoxy glass hard issue, 35mm*17mm2 copper area per electrode Epoxy glass hard issue, 35mm*50mm2 copper area per electrode Symbol RthJL RthJA RthJA Value 25 150 125 Unit K/W K/W K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current Reverse recovery time Test Conditions IF=1A VR=400V VR=400V, Tj=100C IF=0.5A, IR=1A, iR=0.25A Type Symbol VF IR IR trr Min Typ Max 2 5 20 25 Unit V
mA mA
ns
Document Number 86057 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
S420D
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
10 Tj = 150C IF - Forward Current ( A ) 1 Tj = 25C 0.1 I R - Reverse Current ( mA ) 1000 VR = VRRM
100
10
0.01
0.001 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
15955
1 25
15958
50
75
100
125
150
VF - Forward Voltage ( V )
Tj - Junction Temperature ( C )
Figure 1. Forward Current vs. Forward Voltage
1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0
15956
Figure 3. Reverse Current vs. Junction Temperature
I FAV- Average Forward Current ( A )
VR = VR RM half sinewave
RthJA=25K/W l=10mm
RthJA=125K/W PCB: d=25mm 20 40 60 80 100 120 140
Tamb - Ambient Temperature ( C )
Figure 2. Average Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 86057 Rev. 2, 24-Jun-98
S420D
Vishay Telefunken Dimensions in mm
14275
Document Number 86057 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
S420D
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 86057 Rev. 2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of S420D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X